PART |
Description |
Maker |
ATTINY84V-10MUR TSS463B-TERZ-9 AT89C2051-12PK ATTI |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PDSO16 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PDIP20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, QCC20 8-BIT, 16 MHz, MICROCONTROLLER, PQFP44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP64 4-BIT, MROM, 4 MHz, MICROCONTROLLER, PDSO20 32-BIT, FLASH, 66 MHz, RISC MICROCONTROLLER, PQFP144
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
PIC18F248-E/L PIC18F448-E/L PIC18LF248-E/L PIC18LF |
28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module 8-BIT, FLASH, 25 MHz, RISC MICROCONTROLLER, PDSO28 0.300 INCH, PLASTIC, MS-013, SOIC-28 8-BIT, FLASH, 40 MHz, RISC MICROCONTROLLER, PQFP44 8-BIT, FLASH, 40 MHz, RISC MICROCONTROLLER, PDIP40
|
Microchip Technology Maxim Integrated Products, Inc.
|
T89C51RD2-RLVCL T89C51RD2-RLVCM T89C51RD2-RDTCM T8 |
0 to 40 MHz Flash Programmable 8-bit Microcontroller 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, UUC 0 to 40 MHz Flash Programmable 8-bit Microcontroller 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP64 0 to 40 MHz Flash Programmable 8-bit Microcontroller 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQCC44 0 to 40 MHz Flash Programmable 8-bit Microcontroller 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp. TEMIC SEMICONDUCTORS
|
ATA6613P-PLPW AT90CAN128-16AN AT89C51CC01CA-RLTUM |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC48 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP64 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, OTPROM, 40 MHz, MICROCONTROLLER, PQCC44 8-BIT, FLASH, RISC MICROCONTROLLER, PDIP8
|
ATMEL CORP
|
IS89C52 IS89C52-12PL IS89C52-12PLI IS89C52-12PQ IS |
ECONOLINE: RY-S_DCP - Internal SMD Technology- 1kVDC Isolation- Short Circuit Protection: Current Limit- UL94V-0 Package Material- Regulated Output- No External Components Required- Efficiency to 63% 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQCC44 CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40
|
Integrated Silicon Solution Inc Integrated Silicon Solution, Inc.
|
AT90S8535-8PC AT90LS8535-8MI AT90LS8535-4MC AT90LS |
8-bit Microcontroller with 8K Bytes In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 RESISTOR, FIXED, FILM, CH 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, QCC44 Data and Nonvolatile Program Memories
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
PIC24HJ128GPX02 PIC24HJ128GPX04 PIC24HJ128GP502T-H |
High-Performance, 16-bit Microcontrollers 16-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC28 6 X 6 MM, 0.90 MM HEIGHT, PLASTIC, QFN-28 16-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 0.300 INCH, LEAD FREE, PLASTIC, SOIC-28 16-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 8 X 8 MM, LEAD FREE, PLASTIC, QFN-44
|
Microchip Technology
|
AT89S5108 AT89S51-33JU AT89S51-24AU |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 GREEN, PLASTIC, MS-018AC, LCC-44 8-bit Microcontroller with 4K Bytes In-System Programmable Flash
|
Atmel, Corp. ATMEL Corporation
|
AT89C5131A-PUTUM AT89C5130A-M-14 |
8-bit Flash Microcontroller with Full Speed USB Device 8-BIT, FLASH, 48 MHz, MICROCONTROLLER, QCC32 Maximum Core Frequency 48 MHz in X1 Mode, 24 MHz in X2 Mode
|
Atmel, Corp. ATMEL Corporation
|
ATTINY24V-15MT ATTINY24V-15SST |
8-BIT, FLASH, 8 MHz, MICROCONTROLLER, PQCC32 5 X 5 MM, 0.50 MM PITCH, MO-220VHHD-2, QFN-32 8-BIT, FLASH, 8 MHz, MICROCONTROLLER, PDSO14 0.150 INCH, PLASTIC, SOIC-14
|
Atmel, Corp.
|
|